Part Number Hot Search : 
DT74ALV AAT2557 STRX6729 C0455A BAT120A 98300 204510 IN08008
Product Description
Full Text Search
 

To Download 64500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  datasheet extrusion profile 64500 usa: 1.855.322.2843 extrusion profile 64500 europe: 39.051.764002 www.aavid.com asia: 86.21.6115.2000 x8122 november 2016 a02 property details height 1.06 in ( 26.92 mm) width 5.90 in ( 149.86 mm) perimeter 52.60 in weight 3.3 lbs per foot ( 4.91 kg per meter) material 6063 - t5 aluminum extrusion alloy 64500 product details
datasheet extrusion profile 64500 usa: 1.855.322.2843 extrusion profile 64500 europe: 39.051.764002 www.aavid.com asia: 86.21.6115.2000 x8122 november 2016 a02 thermal data natural convection: 1.33 based on 70 c temp rise above ambient . thermal resistance is calculated based on a single 1" (25.4mm) square heat source centered on the heat sink. if you have distributed loads, then you can expect 10% better performance in natural convection and 20% better performance in forced convection. natural convection heat sink temperature rise above ambient heat sink thermal resistance 45.0 33.8 22.5 11.2 0.0 2.5 7.5 12.5 17.5 22.5 5.00 3.75 2.50 1.25 0.00 2.5 7.5 12.5 17.5 22.5 power dissipated (w) power dissipated (w) forced convection heat sink temperature rise above ambient (25w dissipated) heat sink thermal resistance air flow (m/s) air flow (m/s) 1.0 2.0 3.0 4.1 5.1 25.0 18.8 12.5 6.2 0.0 200 400 600 800 1000 1.0 2.0 3.0 4.1 5.1 1.00 0.75 0.50 0.25 0.00 200 400 600 800 1000 air flow (lfm) air flow (lfm)


▲Up To Search▲   

 
Price & Availability of 64500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X